PART |
Description |
Maker |
IRG4BC10S IRG4BC10SPBF |
INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.1.10V, @Vge=15V, Ic=2.0A) 绝缘栅双极晶体管IGBT的标准速度VCES和\u003d 600V电压的Vce(on)typ.1.10V @和VGE \u003d 15V的,集成电路\u003d 2.0安培 600V DC-1 kHz (Standard) Discrete IGBT in a TO-220AB package
|
International Rectifier, Corp.
|
IRG4PC50S-P |
600V DC-1 kHz (Standard) Discrete IGBT in a SM TO-247 package
|
International Rectifier
|
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRGS8B60K IRGSL8B60K IRGB8B60K |
INSULATED GATE BIPOLAR TRANSISTOR 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package 600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package
|
http:// IRF[International Rectifier]
|
IRGB6B60KD IRGS6B60KD IRGSL6B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC20KS IRG4BC20K-S |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
|
IRF[International Rectifier]
|
IRG4BC20U |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=6.5A)
|
IRF[International Rectifier]
|
IRGS30B60KPBF IRGSL30B60KPBF |
600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
IRG4RC10U IRG4RC10UTR IRG4RC10UTRL IRG4RC10UTRR |
600V UltraFast 8-60 kHz Discrete IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4BC30UD IRG4BC30UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4RC10UD IRG4RC10UDTR IRG4RC10UDTRL IRG4RC10UDTR |
600V UltraFast 8-60 kHz Copack IGBT in a D-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4PC40 IRG4PC40F IRG4PC40F-EPBF |
600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A) 49 A, 600 V, N-CHANNEL IGBT, TO-247AD TO-247AD, 3 PIN
|
IRF[International Rectifier] Vishay Intertechnology, Inc.
|